Part Number Hot Search : 
G30N60A4 1N4005G 135P00L1 FAN73711 40160 30KP360A NJU77001 FP812
Product Description
Full Text Search
 

To Download 200MPS1T1B1M1QEH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.e-switch.com info @ e-switch.com 127 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options series 200 switches specifications subject to change without notice. example ordering number 200 _ msp1 _ t4 _ b5 _ m1 _ r _ e _ h toggle switches - sub miniature specifications contact rating: dependent upon contact material life expectancy: 30,000 make-and-break cycles at full load contact resistance: 20 m max. typical initial @ 2-4 vdc 100 ma for both silver and gold plated contacts insulation resistance: 1,000 m min. dielectric strength: 1,000 v rms @ sea level operating temperature: -30 c to 85 c materials case: diallyl phthalate (dap) or glass filled nylon (ul94-v0) toggle handle: brass, chrome plated bushing: brass, nickel plated housing: stainless steel switch support: brass, tin plated contacts / terminals: silver or gold plated copper alloy how to order features & benefits variety of switching functions sub-miniature multiple actuator & bushing options applications/markets telecommunications instrumentation networking medical equipment *msp6 - not available with m1, m6 & m7 termination series 200 t1 t2 t3 t4 t5 actuator m1 m2 m6 m7 vs2 termination q = silver r = gold contact material h = hardware hardware seal e e = epoxy sealed at base of terminal b1 b2 b3 b4 b5 b6 b7 b8 bushing msp1 msp2 msp3 msp4 msp5 msp6* mdp1 mdp2 mdp3 model no. pos 1 pos 2 pos 3 epoxy seal spdt ( ) = momentary pos 1 pos 2 pos 3 model no. msp-1 on none on msp-2 on none (on) msp-3 on off on msp-4 (on) off (on) msp-5 on off (on) term. comm. 2 - 3 open 2 - 1 msp-6 off none on term. comm. open none 3 -1 schematic
pos 1 pos 2 pos 3 epoxy seal dpdt * actuator shown with b1, b2, b3, or b4 bushing; subtract 0.09 (2.29) for b5, b6 bushing. subtract 0.040 (1.02) for b7, b8 bush ing. ** actuator shown with b5, b6 bushing; add 0.09 (2.29) for b1, b2, b3, and b4 bushing. add 0.50 (1.27) for b7, b8 bushing. ( ) = momentary pos 1 pos 2 pos 3 model no. mdp-1 on none on mdp-2 on none (on) mdp-3 on off on term. comm. 2-3, 5-6 open 2-1, 5-4 schematic actuator options t2 t1 t3* t5** t4** phone: 800-867-2717 fax: 763-531-8235 128 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options series 200 switches toggle switches - sub miniature panel mounting without locking ring with std. locking ring 10-48 bushing 1/4 in. bushing without locking ring with std. locking ring
www.e-switch.com info @ e-switch.com 129 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options bushing options thd b1 non-thd b2 thd b5 non-thd b6 thd b3 non-thd b4 thd b7 non-thd b8 termination options spdt m1 spdt m2 dpdt m1 dpdt m2
m7 m6 m6 m7 spdt dpdt spdt dpdt p.c. mounting p.c. mounting p.c. mounting p.c. mounting phone: 800-867-2717 fax: 763-531-8235 130 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options series 200 switches toggle switches - sub miniature
www.e-switch.com info @ e-switch.com 131 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options vs2 vs2 spdt dpdt p.c. mounting p.c. mounting contact material options q r fixed terminal: silver plated copper alloy moving contact: silver plated copper alloy rating: 3 amps @ 120 vac or 28 vdc; 1 amp @ 250 vac fixed terminal: copper alloy with gold plate over nickel plate moving contact: copper alloy with gold plate over nickel plate rating: 0.4 va max. @ 20 vac or dc max. lock washer hdw22 nut hdw21 hardware 8.08 7.00 10-48 uns 1.32


▲Up To Search▲   

 
Price & Availability of 200MPS1T1B1M1QEH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X